Part Number Hot Search : 
109002 1620B HC705J2 FTX751S C8051 100TS60S 3HMN33 ZMY27
Product Description
Full Text Search
 

To Download MFC1921-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: MFC1921-5
WIDE BANDWIDTH
FEATURES: Exceptional Phase Noise Performance Small Size, Surface Mount Lead Free REL-PRO(R) Technology
Phase Noise
-30 -40 -50 -60
Phase Noise (dBc/Hz)
195 - 210 MHz
-70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 100 1000 10000 100000 1000000 10000000
Offset Frequency (Hz)
192.5MHz/0V 200MHz/2.23V 210MHz/6.68V
SPECIFICATIONS (Rev. B 07/03/07)
Frequency Tuning Voltage (Full Band) Bias Voltage Output Power Tuning Sensitivity Output Impedance Harmonic Suppression Frequency Pulling Frequency Pushing Phase Noise @ 10 kHz Operating Temperature Range 195 - 210 MHz See table below. +5 VDC @ 22 mA (Max.) +3 dBm (Min.) 2 - 3 MHz/V (Typ.) 50 Ohms (Nom.) 20 dB (Typ.) 1 MHz (Typ. @ 1.75:1 VSWR) 0.5 MHz/V (Typ.) -120 dBc/Hz (Typ.) -40 to +85 C
Package #
278LF
Guaranteed Tuning Specifications Tuning Voltage ( V ) 0.5 4 8 10 Frequency ( MHz ) 195 (Max) 205 (Min) 208 (Min) 210 (Min)
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: MFC1921-5
WIDE BANDWIDTH
195 - 210 MHz
217
PERFORMANCE PLOTS
212
Frequency (MHz)
207
202
197
192 0 1 2 3 4 5 6 7 8 9 10 Control Voltage (Vdc)
+25C
+85C
-40C
8 7 6
Output Power (dBm)
5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10 Control Voltage (Vdc) +25C +85C -40C
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL: MFC1921-5
WIDE BANDWIDTH
195 - 210 MHz
6
PERFORMANCE PLOTS
5
Tuning Sensitivity (MHz/V)
4
3
2
1
0 0 1 2 3 4 +25C 5 +85C 6 -40C 7 8 9 10 Control Voltage (Vdc)
0 -5
2nd Harmonic Suppression (dBc)
-10 -15 -20 -25 -30 -35 0 1 2 3 4 5 6 7 8 9 10
Control Voltage (Vdc)
+25C
+85C
-40C


▲Up To Search▲   

 
Price & Availability of MFC1921-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X